Part Number Hot Search : 
X25320G D1380 H11A3SVM 1884746 78R09 VSIB620 GM400 SP9687AC
Product Description
Full Text Search
 

To Download FPG86N0405J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  protection 86 june 2015 medium power film capacitors fpg (fph rohs compliant) protection ?dmax ?d m6/6 or m8/8 h 2 (0.079) max torque: 8.5nm (m8) 4.5nm (m6) h 0.5 (0.020) h 2 (0.079) tpc h 62 dimensions: millimeters (inches) general tolerance: 2 a ?4 (0.16) a plastic case resin tinned output dimensions millimeters (inches) marking logo withstanding surge voltage capacitance and tolerance in clear nominal dc voltage in clear rms current in clear date of manufacture (iec coding) packaging material cylindrical in plastic case filled with thermosetting resin. outputs: threaded inserts either m6 or m8. metallized polypropylene dielectric capacitor with controlled self-healing. reinforced metallization on margins developed for high impulse currents. axial connections specially developed to reduce series inductance and to provide rigid mechanical mounting. applications protection of gate turn-off thyristor (g.t.o.). medium frequency tuning. hot spot temperature calculation see hot spot temperature page 3. hot spot = terminals + (p d + p t ) x r th with p d (dielectric losses) = q x tg 0 ? [ 1 ? 2 x c n x (v peak to peak ) 2 x f ] x (2 x 10 -4 ) p t (thermal losses) = r s x (i rms ) 2 where c n in farads vin volts i rms in amperes r s in ohms f in hertz in c r th in c/w due to the design of the capacitor and its technology, the thermal impedance between the terminations and the core of the capacitor is low, it is necessary to take care that the capacitor is never overheated by use of incorrect sized connections. in the case where the series diodes are screwed to the capacitor, cooling of the diodes must be taken in account. do not use the capacitor as a heat sink. due to the complexity of the diode/capacitor thermal exchanges, we recommend that thermal measurements shall be made on the different components. we would be pleased to advise you on specific problems. working temperature (according to the power to be dissipated) -40c to +85c how to order fpg series fpg = standard fph = rohs compliant 8 case size case size 8 6 dielectric 6 = polypropylene r voltage code r = 1500v n = 2000v p = 2500v w = 2600v x = 3500v z = 4500v y = 4600v 0105 capacitance code 0 + pf code 0105 = 1.0f 0405 = 4.0f 0604 = 0.6f etc. j capacitance tolerances j = 5% CC terminal code C C = standard not rohs compliant please select correct termination style.
protection june 2015 87 medium power film capacitors fpg (fph rohs compliant) protection application notes g.t.o. protection choice of voltage: v 1 v peak v 2 v n dc maximum overvoltage v s (10 s/day) capacitance range c n 0.12f to 6f tolerance on c n 5% rated dc voltage v n dc 800 to 3000 v peak voltage v peak 1200 to 4000 v allowable overvoltage v s (for 10 s/day) 1500 to 4600 v nominal rms voltage v n dc 500 to 1400 v stray inductance 10 nh rms current i rms max. = up to 80 a the currents shown in the tables are maximum. it is necessary to respect the thermal limits of the dielectric 85c see hot spot temperature calculation insulation resistance r i x c 30,000 s impulse current i 2 .t max. given in the tables spikes or peak currents in the capacitors may cause a deterioration of the bonding between the metallization and the connections. these bonds are capable of withstanding only a limited amount of energy for each spike. the table shows the maximum energy permitted in the form (i 2 .t), where i is in ampere, and t is in seconds. note: the formula (i 2 .t) replaces dv/dt which is less easy to use as it is not an expression of energy (i = c.dv/dt). this type of capacitor has been designed to withstand high (i 2 .t) values. variation of capacitance with temperature c c 2% between -40 and 85c climatic category 40/085/56 (iec 60068) test voltage between terminals @ 25c v s during 10s test voltage between terminals and case @ 25c (type test) @ 4 kvrms @ 50 hz during 1 min. dielectric polypropylene electrical characteristics nominal dc voltage (v n dc) and peak voltage (v peak ) are given in the table of values.
protection 88 june 2015 medium power film capacitors fpg (fph rohs compliant) table of values protection dimensions: millimeters (inches) dimensions i 2 .t i rms rs rth cn case h* h d max. max. typical part number (f) style 0.5 2 d 0.5 (a 2 .s) (a) (m  ) (c/w) weight (g) (0.020) (0.079) max. (0.020) fpg 1500v v n dc = 800v v peak = 1200v v rms = 500v v s = 1500v (voltage code r) fpg66r0105j-- 1 plastic case m6/6 52 (2.047) 5 (0.197) 40 (1.575) 18 (0.709) 2 15 2.4 14 120 fpg66r0155j-- 1.5 plastic case m6/6 52 (2.047) 5 (0.197) 55 (2.165) 18(0.709) 4.6 20 1.6 10.5 160 fpg86r0205j-- 2 plastic case m8/8 52 (2.047) 5 (0.197) 60 (2.362) 22 (0.866) 8 30 1.2 6.1 190 fpg86r0305j-- 3 plastic case m8/8 52 (2.047) 5 (0.197) 72 (2.835) 22 (0.866) 18 45 0.9 4.5 260 fpg86r0355j-- 3.5 plastic case m8/8 52 (2.047) 5 (0.197) 72 (2.835) 22 (0.866) 25 50 0.85 4.5 260 fpg86r0405j-- 4 plastic case m8/8 52 (2.047) 5 (0.197) 82 (1.575) 22 (0.866) 32 60 0.75 3.5 320 fpg86r0505j-- 5 plastic case m8/8 52 (2.047) 5 (0.197) 82 (3.622) 22 (0.866) 50 70 0.65 2.5 320 fpg86r0605j-- 6 plastic case m8/8 52 (2.047) 5 (0.197) 92 (3.622) 22 (0.866) 73 75 0.6 2.5 400 fpg 2000v v n dc = 1000v v peak = 1600v v rms = 600v v s = 2000v (voltage code n) fpg66n0504j-- 0.5 plastic case m6/6 52 (2.047) 5 (0.197) 40 (1.575) 18 (0.709) 1 15 3 14 120 fpg86n0105j-- 1 plastic case m8/8 52 (2.047) 5 (0.197) 60 (2.362) 22 (0.866) 3 20 2.3 10.5 190 fpg86n0155j-- 1.5 plastic case m8/8 52 (2.047) 5 (0.197) 60 (2.362) 22 (0.866) 7 30 1.5 6.1 190 fpg86n0205j-- 2 plastic case m8/8 52 (2.047) 5 (0.197) 72 (2.835) 22 (0.866) 12.7 40 1.1 4.5 260 fpg86n0255j-- 2.5 plastic case m8/8 52 (2.047) 5 (0.197) 72 (2.835) 22 (0.866) 20 60 0.89 3.7 260 fpg86n0305j-- 3 plastic case m8/8 52 (2.047) 5 (0.197) 82 (3.228) 22 (0.866) 28 60 0.85 3.2 320 fpg86n0355j-- 3.5 plastic case m8/8 52 (2.047) 5 (0.197) 82 (3.228) 22 (0.866) 39 65 0.78 2.9 320 FPG86N0405J-- 4 plastic case m8/8 52 (2.047) 5 (0.197) 92 (3.622) 22 (0.866) 50 70 0.7 2.5 400 fpg 2500v v n dc = 1300v v peak = 2000v v rms = 700v v s = 2500v (voltage code p) fpg66p0474j-- 0.47 plastic case m6/6 62 (2.441) 5 (0.197) 40 (1.575) 18 (0.709) 0.7 15 6 25 160 fpg66p0105j-- 1 plastic case m6/6 62 (2.441) 5 (0.197) 55 (2.165) 18 (0.709) 2 18 3 13 180 fpg66p0155j-- 1.5 plastic case m6/6 62 (2.441) 5 (0.197) 60 (2.362) 22 (0.866) 4.5 25 2 10 220 fpg86p0205j-- 2 plastic case m8/8 62 (2.441) 5 (0.197) 72 (2.835) 22 (0.866) 8 35 1.5 6.5 310 fpg86p0255j-- 2.5 plastic case m8/8 62 (2.441) 5 (0.197) 72 (2.835) 22 (0.866) 12.5 40 1.3 4.8 310 fpg86p0305j-- 3 plastic case m8/8 62 (2.441) 5 (0.197) 82 (3.228) 22 (0.866) 18 50 1.15 4.4 410 fpg86p0405j-- 4 plastic case m8/8 62 (2.441) 5 (0.197) 92 (3.622) 22 (0.866) 32 65 0.95 3.4 475 fpg 2600v v n dc = 1750v v peak = 2000v v rms = 800v v s = 2600v (voltage code w) fpg66w0474j-- 0.47 plastic case m6/6 62 (2.441) 5 (0.197) 40 (1.575) 18 (0.709) 1.4 12 4.04 28 160 fpg66w0105j-- 1 plastic case m6/6 62 (2.441) 5 (0.197) 55 (2.165) 18 (0.709) 5.7 21 2.17 10.9 180 fpg66w0155j-- 1.5 plastic case m6/6 62 (2.441) 5 (0.197) 60 (2.362) 18 (0.709) 12.9 31 1.55 7.7 220 fpg86w0205j-- 2 plastic case m8/8 62 (2.441) 5 (0.197) 72 (2.835) 22 (0.866) 23 41 1.24 6.1 310 fpg86w0255j-- 2.5 plastic case m8/8 62 (2.441) 5 (0.197) 82 (3.228) 22 (0.866) 36 51 1.05 4.5 410 fpg86w0305j-- 3 plastic case m8/8 62 (2.441) 5 (0.197) 92 (3.622) 22 (0.866) 50 62 0.92 3.9 475 fpg86w0355j-- 3.5 plastic case m8/8 62 (2.441) 5 (0.197) 92 (3.622) 22 (0.866) 70 72 0.83 3.4 475 fpg86w0395j-- 3.9 plastic case m8/8 62 (2.441) 5 (0.197) 92 (3.622) 22 (0.866) 85 80 0.78 3.1 475 fpg 3500v v n dc = 2000v v peak = 2400v v rms = 1000v v s = 3500v (voltage code x) fpg66x0334j-- 0.33 plastic case m6/6 62 (2.441) 5 (0.197) 40 (1.575) 18 (0.709) 2 15 2.5 28 160 fpg66x0504j-- 0.5 plastic case m6/6 62 (2.441) 5 (0.197) 55 (2.165) 18 (0.709) 5 19 2.5 11.2 180 fpg86x0105j-- 1 plastic case m8/8 62 (2.441) 5 (0.197) 72 (2.835) 22 (0.866) 15 38 1.4 6.2 310 fpg86x0155j-- 1.5 plastic case m8/8 62 (2.441) 5 (0.197) 82 (3.228) 22 (0.866) 40 56 1.03 3.9 410 fpg86x0205j-- 2 plastic case m8/8 62 (2.441) 5 (0.197) 92 (3.622) 22 (0.866) 70 75 0.85 3.1 475 fpg 4500v v n dc = 2500v v peak = 3200v v rms = 1200v v s = 4500v (voltage code z) fpg66z0224j-- 0.22 plastic case m6/6 62 (2.441) 5 (0.197) 40 (1.575) 18 (0.709) 1.5 15 3.8 25 160 fpg66z0474j-- 0.47 plastic case m6/6 62 (2.441) 5 (0.197) 60 (2.362) 18 (0.709) 7 24 2.16 8.5 220 fpg86z0684j-- 0.68 plastic case m8/8 62 (2.441) 5 (0.197) 72 (2.835) 22 (0.866) 14 35 1.59 6.2 310 fpg86z0105j-- 1 plastic case m8/8 62 (2.441) 5 (0.197) 82 (3.228) 22 (0.866) 30 52 1.18 4 410 fpg86z1254j-- 1.25 plastic case m8/8 62 (2.441) 5 (0.197) 92 (3.622) 22 (0.866) 50 65 1 3.3 475 fpg 4600 v v n dc = 3000 v v peak = 4000 v v rms = 1400 v v s = 4600 v (voltage code y) fpg66y0124j-- 0.12 plastic case m6/6 62 (2.441) 5 (0.197) 40 (1.575) 18 (0.709) 0.8 15 6 28 160 fpg66y0224j-- 0.22 plastic case m6/6 62 (2.441) 5 (0.197) 60 (2.362) 18 (0.709) 3 20 3.48 11 220 fpg86y0334j-- 0.33 plastic case m8/8 62 (2.441) 5 (0.197) 72 (2.835) 22 (0.866) 6.8 25 2.42 7.7 310 fpg86y0474j-- 0.47 plastic case m8/8 62 (2.441) 5 (0.197) 82 (3.228) 22 (0.866) 13.8 35 1.79 5.2 410 fpg86y0604j-- 0.60 plastic case m8/8 62 (2.441) 5 (0.197) 92 (3.622) 22(0.866) 22 45 1.47 4.2 475


▲Up To Search▲   

 
Price & Availability of FPG86N0405J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X